Part Number Hot Search : 
STH60N10 MC68HC0 AN9EB00 N7002 SDR625G 3N252 SA612 N7002
Product Description
Full Text Search
 

To Download CBSL2SS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a d v a n c e d s e m i c o n d u c t o r, i n c. rev. b 7525 ethel avenue ? north hollywood, ca 91605 ? (818) 982-1200 ? fax (818) 765-3004 1/1 specifications are subjec t to change without notice. characteristics t c = 25 c symbol none test conditions minimum typical maximum units bv cbo i c = 1.0 ma 45 v bv cer i c = 5.0 ma r be = 220 ? 30 v bv ebo i e = 1.0 ma 3.5 v i cbo v cb = 28 v 500 a h fe v ce = 5.0 v i c = 100 ma 20 120 --- c ob v cb = 24 v f = 1.0 mhz 3.5 pf p g c v cc = 24 v p out = 2.0 v f = 960 mhz 9.0 50 db % npn silicon rf power transistor CBSL2SS description: the asi CBSL2SS is designed for uhf class a amplifier applications in cellular base station equipment. features: ? pg = 9.0 db min. @ 960 mhz ? p 1db = 2.0 watts min. at 960 mhz ? omnigold ? metalization system maximum ratings i c 2.0 a v cbo 45 v v cer 30 v v ebo 3.5 v p diss 7.0 w @ t c = 25 c t j -65 c to +200 c t stg -65 c to +150 c jc 25 c/w package style .205 4l stud order code: asi10868 e a b h e f .098 / 2.500 .161 / 4.100 .028 / 0.700 .976 / 24.800 .138 / 3.500 .976 / 24.800 inches / mm minimum a g f e d c b 1.000 / 25.4000 .110 / 2.800 .196 / 5.000 1.000 / 25.4000 maximum inches / mm .031 / 0.800 c d h i j .200 / 5.100 .425 / 10.800 .004 / 0.100 .006 / 0.150 .465 / 11.800 2.05 / 5.200 g j #8-32unc .200 / 5.100 .208 / 5.300 dim


▲Up To Search▲   

 
Price & Availability of CBSL2SS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X